PART |
Description |
Maker |
FEC40-24S05 FEC40-24S12 FEC40-24S15 FEC40-24S3P3 F |
CONN,HEADER,GPFB215-0455A12-R, 2mm,8 CKT,2 ROW,R/A,15u"S-GOL CONN,HEADER,GPFB215-0655A12, 2mm,12 CKT,2 ROW,R/A,15u" S-GO CONN,HEADER,GPFB215-0755A12, 2mm,14 CKT,2 ROW,R/A,15u" S-GO CONN,HEADER,GPFB215-0855A12, 2mm,16 CKT,2 ROW,R/A,15u" S-GO CONN,HEADER,GPFB215-0355A12-R, 2mm,6 CKT,2 ROW,R/A,15u"S-GOL Isolated and Regulated 40 WATT Modular DC/DC Converters 1-OUTPUT 26.4 W DC-DC REG PWR SUPPLY MODULE Isolated and Regulated 40 WATT Modular DC/DC Converters 3-OUTPUT 19.8 W DC-DC REG PWR SUPPLY MODULE
|
Astrodyne, Inc.
|
QTE-060-02-L-D-A QTE-020-04-L-D-A QTE-020-01-L-D-A |
CONN HEADER HI-SPEED DUAL 120POS 120 CONTACT(S), MALE, STRAIGHT BOARD STACKING CONNECTOR, SURFACE MOUNT CONN HEADER HI-SPEED DUAL 40POS 40 CONTACT(S), MALE, STRAIGHT BOARD STACKING CONNECTOR, SURFACE MOUNT CONN HEADER HI-SPEED DUAL 80POS 80 CONTACT(S), MALE, STRAIGHT BOARD STACKING CONNECTOR, SURFACE MOUNT
|
Samtec, Inc.
|
FM220-LN FM2100-LN FM250-LN FM260-LN FM280-LN FM23 |
CONN HEADER .05 30POS DUAL SMD Chip Schottky Barrier Diodes - Silicon epitaxial planer type CONN HEADER .05 60POS DUAL T/H
|
美丽微半导体有限公司 缇?附寰??瀵间???????
|
90131-0130 90131-0932 90131-0925 90131-0931 90131- |
Header; Number of Contacts:20; Pitch Spacing:2.54mm; Number of Rows:2; Series:C-Grid III; Connector Body Material:Polyester; Mounting Type:PC Board; Terminal Type:Straight Pin 20 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER C-Grid DR Vt Pn 6.75/2.90mm Au-F 24Ckt 24 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER C-Grid DR Vt Pn 6.75/2.90mm Au-F 10Ckt 10 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER C-Grid DR Vt Pn 6.75/2.90mm Au-F 22Ckt 22 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CONN HEADER 12POS .100 STR TIN 12 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CONN HEADER 40POS .100 STR TIN 40 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Header; Number of Contacts:50; Pitch Spacing:2.54mm; Number of Rows:2; Series:C-Grid III; Connector Body Material:Polyester; Mounting Type:PC Board; Terminal Type:Straight Pin 50 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER C-Grid DR Vt Pn 6.75/2.90mm Tn-A 52Ckt 52 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER C-Grid DR Vt Pn 6.75/2.90mm Au-E 2Ckt 2 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Header; Number of Contacts:24; Pitch Spacing:2.54mm; Number of Rows:2; Series:C-Grid III; Connector Body Material:Polyester; Mounting Type:PC Board; Terminal Type:Straight Pin 24 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Header Connector,PCB Mnt,RECEPT,14 Contacts,PIN,0.1 Pitch,PC TAIL Terminal 14 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Molex, Inc.
|
FM2100-C FM240-C FM250-C FM220-C FM230-C |
Chip Schottky Barrier Diodes - Silicon epitaxial planer type CONN HEADR .05 50POS DL T/H R/A CONN HEADER .05 30POS DUAL T/H
|
美丽微半导体有限公司 缇?附寰??瀵间???????
|
IPT1-125-01-S-D-RA IPT1-110-01-S-D-RA |
CONN PLUG .100 50POS DL PCB R/A 50 CONTACT(S), MALE, POWER CONNECTOR, SOLDER CONN PLUG .100 20POS DL PCB R/A
|
Samtec, Inc. SAMTEC INC
|
ZS1V220KR ZS1E221KC ZS1E220KC ZS1V101MC ZS1V101LT |
CHOKES,AXIAL,1000uH,1.0mA IDC, H.D. VARNISH COATED CONN,RECPT,3 CKT,9821-03, RECEPTACLE,HOUSING,1.25MM CONN,PLUG,9635-06R, 6 CIRCUIT,.084" MLX SERIES CHOKES,AXIAL,H.D.,VARNISH, COATED,100 UH,2 IDC CHOKES,AXIAL,40uH,3.0mA IDC, H.D. VARNISH COATED CHOKES,AXIAL,4uH,8.0mA IDC, H.D. VARNISH COATED PWR STRIP,6 OUTLET,SURGE SURPRESSOR,4' LINE CORD CHOKES,AXIAL,H.D.,VARNISH COATED,125 UH,3.5 IDC ALUMINIUM ELECTROLYTIC CAPACITOR PWR STRIP,6 OUTLET,SURGE SUPPRESSOR,4'LINE CORD 20/cs CHOKES,AXIAL,250uH,2.5mA IDC, H.D. VARNISH COATED CONN,PLUG,10C,3020-10, FREE HANGING,DUAL ROW CONN,RECEPT,6C,3025-06, FREE HANGING,DUAL ROW # CONN,RECEPT,14C,3025-14, FREE HANGING,DUAL ROW ONTACT,CRIMP,SKT,3030T1-LP, 26-30AWG,TIN,NICKEL,PB(10) ONTACT,CRIMP,PIN,3031T1-LP, 26-30AWG,TIN,NICKEL,PB(10) HEATSINK,566010B03400, TO-218 W/TAB BLACK CONN,RECEPT,24C,3025-24, FREE HANGING,DUAL ROW CONN,RECPT,2C,3045-02, PCB HEADER,VERTICAL,2 ROW,TIN CONN,RECPT,4C,3045-04, PCB HEADER,VERTICAL,2 ROW,TIN CONN,RECEPT,6C,3046-06-G30, PCB HEADER,R/A,2 ROW,PEG,GOLD CONN,RECPT,8C,3046-08, PCB HEADER,R/A,2 ROW,PEG,TIN CONN,RECPT,8C,3045-08-G30, PCB HEADER,VERTICAL,2 ROW,GOLD CONN,RECPT,10C,3045-10, PCB HEADER,VERTICAL,2 ROW,TIN CHOKES,AXIAL,HIGH CURRENT, RF,10000 uH CHOKES,AXIAL,HIGH CURRENT, RF,1500 uH CHOKES,AXIAL,HIGH CURRENT, RF,2200 uH CONN,HOUSING,4521-24PR, 2mm,24 CKT,2 ROW,VERT,W/KEY CONN,HOUSING,4521-28, 2mm,28 CKT,2 ROW,VERT,NO KEY CONN,HOUSING,4521-30PR, 2mm,30 CKT,2 ROW,VERT,W/KEY CHOKE,AXIAL,RF 6.2UH 10% INDUCTOR MOTOR,STEP,4.8VDC/1.5A, 8160 GM-CM CHOKES,AXIAL,HIGH CURRENT, RF,10 uH MOTOR,STEP,12VDC,20 ohm UNIPOLAR,1.8,SHFT:.25"X.95" KNOB,1/4"SHFT,RND,ALUM W/SET, SCREW,0.61"DIA x 0.65"H CONN,RECPT,22C,3046-22-G30, PCB HD,GOLD,R/A,DUAL ROW,PEG LED,ULT RED,630NM,T3 MIN BAY 28V,6500MCD,15If,REPLACE LAMP LED,ULT RED,630NM,T3 MIN BAY 14V,7000MCD,20If, REPLACE LAMP LED,RED,630NM,T3 BAY BASED 28V,350MCD,14If,REPLACE LAMP LED.RED,630NM,T3 BAY BASED 14V,550MCD,20MCD,REPLACE LAMP CONN,RECEPT,2C,3046-02-G30, PCB HEADER,R/A,2 ROW,PEG,GOLD CONN,HOUSING,4521-12PR, 2mm,12 CKT,2 ROW,VERT,W/KEY CONN,D-SUB,9P-F, 22AWG,SOLDER CUP 铝电解电容器 CONN,HOUSING,4521-08, 2mm,8 CKT,2 ROW,VERTICAL,NOKEY 铝电解电容器 CONN,HOUSING,4521-08PR, 2mm,8 CKT,2 ROW,VERTICAL,W/KEY 铝电解电容器 CONN,RECPT,2C,3045-02-G30, PCB HEADR,VERTICAL,2 ROW,GOLD 铝电解电容器 CONN,HOUSING,4521-26PR, 2mm,26 CKT,2 ROW,VERT,W/KEY 铝电解电容器 CONN,HEADER,2 CKT,9847-02, PCB,VERT,1.25MM,PB,TIN 铝电解电容器 CONN,RECEPT,4C,3025-04S, FREE HANGING,SINGLE ROW 铝电解电容器 CONN,RECEPT,2C,3046-02S-G15, PCB HEADER,R/A,1 ROW,PEG,GOLD 铝电解电容器 CONN,RECPT,10C,3046-10-G30, PCB HEADER,R/A,2 ROW,PEG,GOLD 铝电解电容器 CONN,RECPT,10C,3046-10, PCB HEADER,R/A,2 ROW,PEG,TIN 铝电解电容器 CONN,RECEPT,9635-12P, 12 CIRCUIT,.084" MLX SERIES 铝电解电容器 CONN,RECEPT,5C,3046-05S, PCB HEADER,R/A,1 ROW,PEG,TIN 铝电解电容器 CONN,HEADER,7 CKT,9847-07, PCB,VERT,1.25MM,PB,TIN 铝电解电容器 LED,RED,626NM,T3 MIN BAY 120VAC,6500MCD,5.5If,REPLACE B 铝电解电容器 CONN,RECEPT,2C,3025-02S, FREE HANGING,SINGLE ROW CONN,RECEPT,4C,3025-04, FREE HANGING,DUAL ROW CONN,RECEPT,12C,3025-12, FREE HANGING,DUAL ROW
|
DB Lectro Inc. DB Lectro, Inc.
|
FM5821-ALN FM5820-ALN FM5822-ALN |
CONNECTOR,HEADER,20P,2X10,2MMCTR,ST,SMD CONN HEADER .05 45X4PS GOLD SMD Chip Schottky Barrier Diodes - Silicon epitaxial planer type
|
美丽微半导体有限公司
|
EB62C14SGX15 EB614R12SGX15 EB614R6SGX15 EB614R10SG |
Edgeboard Connectors, Dual Readout, 0.125 (3.17 mm) C-C, Standard and Right Angle Terminals 100 CONTACT(S), FEMALE, STRAIGHT SINGLE PART CARD EDGE CONN, WIRE WRAP 98 CONTACT(S), FEMALE, STRAIGHT SINGLE PART CARD EDGE CONN, WIRE WRAP 28 CONTACT(S), FEMALE, RIGHT ANGLE SINGLE PART CARD EDGE CONN, SOLDER 98 CONTACT(S), FEMALE, STRAIGHT SINGLE PART CARD EDGE CONN, SOLDER 80 CONTACT(S), FEMALE, STRAIGHT SINGLE PART CARD EDGE CONN, SOLDER 100 CONTACT(S), FEMALE, STRAIGHT SINGLE PART CARD EDGE CONN, SOLDER 70 CONTACT(S), FEMALE, STRAIGHT SINGLE PART CARD EDGE CONN, SOLDER 56 CONTACT(S), FEMALE, RIGHT ANGLE SINGLE PART CARD EDGE CONN, SOLDER
|
Vishay Siliconix VISHAY DALE
|
|